Part Number Hot Search : 
ONTROL PD75P IN4003 H1300 OP501SR LU1T125H BCD210DC 2SA17971
Product Description
Full Text Search
 

To Download AD9948 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 10-Bit CCD Signal Processor with Precision Timing TM Core AD9948
FEATURES Correlated Double Sampler (CDS) 0 dB to 18 dB Pixel Gain Amplifier (PxGA(R)) 6 dB to 42 dB 10-Bit Variable Gain Amplifier (VGA) 10-Bit 25 MSPS A/D Converter Black Level Clamp with Variable Level Control Complete On-Chip Timing Driver Precision Timing Core with 800 ps Resolution On-Chip 3 V Horizontal and RG Drivers 40-Lead LFCSP Package APPLICATIONS Digital Still Cameras High Speed Digital Imaging Applications GENERAL DESCRIPTION
The AD9948 is a highly integrated CCD signal processor for digital still camera applications. Specified at pixel rates of up to 25 MHz, the AD9948 consists of a complete analog front end with A/D conversion, combined with a programmable timing driver. The Precision Timing core allows adjustment of high speed clocks with 800 ps resolution. The analog front end includes black level clamping, CDS, PxGA, VGA, and a 25 MHz 10-bit A/D converter. The timing driver provides the high speed CCD clock drivers for RG and H1-H4. Operation is programmed using a 3-wire serial interface. Packaged in a space-saving 40-lead LFCSP package, the AD9948 is specified over an operating temperature range of -20C to +85C.
FUNCTIONAL BLOCK DIAGRAM
REFT REFB
0dB TO 18dB CDS PxGA
6dB TO 42dB VGA
VREF 10-BIT ADC 10 DOUT
CCDIN
CLAMP INTERNAL CLOCKS
HBLK CLP/PBLK
RG H1-H4 4
HORIZONTAL DRIVERS
PRECISION TIMING CORE
CLI
AD9948
SYNC GENERATOR
INTERNAL REGISTERS
HD
VD
SL
SCK SDATA
REV. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 www.analog.com Fax: 781/326-8703 (c) 2003 Analog Devices, Inc. All rights reserved.
AD9948-SPECIFICATIONS
GENERAL SPECIFICATIONS
Parameter TEMPERATURE RANGE Operating Storage MAXIMUM CLOCK RATE POWER SUPPLY VOLTAGE AVDD, TCVDD (AFE, Timing Core) HVDD (H1-H4 Drivers) RGVDD (RG Driver) DRVDD (D0-D9 Drivers) DVDD (All Other Digital) POWER DISSIPATION 25 MHz, HVDD = RGVDD = 3 V, 100 pF H1-H4 Loading* Total Shutdown Mode
*The total power dissipated by the HVDD supply may be approximated using the equation
Min -20 -65 25 2.7 2.7 2.7 2.7 2.7
Typ
Max +85 +150
Unit C C MHz
3.0 3.0 3.0 3.0 3.0 220 1
3.6 3.6 3.6 3.6 3.6
V V V V V mW mW
Total HVDD Power = (CLOAD x HVDD x Pixel Frequency) x HVDD x ( Number of H - Outputs Used )
Reducing the H-loading, using only two of the outputs, and/or using a lower HVDD supply will reduce the power dissipation. Specifications subject to change without notice.
DIGITAL SPECIFICATIONS
Parameter LOGIC INPUTS High Level Input Voltage Low Level Input Voltage High Level Input Current Low Level Input Current Input Capacitance
(TMIN to TMAX, AVDD = DVDD = DRVDD = HVDD = RGVDD = 2.7 V, CL = 20 pF, unless otherwise noted.)
Symbol VIH VIL IIH IIL CIN VOH VOL Min 2.1 0.6 10 10 10 2.2 0.5 Typ Max Unit V V A A pF V V
LOGIC OUTPUTS High Level Output Voltage, IOH = 2 mA Low Level Output Voltage, IOL = 2 mA CLI INPUT High Level Input Voltage (TCVDD/2 + 0.5 V) Low Level Input Voltage RG AND H-DRIVER OUTPUTS High Level Output Voltage (RGVDD - 0.5 V and HVDD - 0.5 V) Low Level Output Voltage Maximum Output Current (Programmable) Maximum Load Capacitance
Specifications subject to change without notice.
VIH-CLI VIL-CLI
1.85 0.85
V V
VOH VOL
2.2 0.5 30 100
V V mA pF
-2-
REV. 0
AD9948 ANALOG SPECIFICATIONS
Parameter CDS Gain Allowable CCD Reset Transient* Max Input Range before Saturation* Max CCD Black Pixel Amplitude* PIXEL GAIN AMPLIFIER (PxGA) Gain Control Resolution Gain Monotonicity Min Gain Max Gain VARIABLE GAIN AMPLIFIER (VGA) Max Input Range Max Output Range Gain Control Resolution Gain Monotonicity Gain Range Min Gain (VGA Code 0) Max Gain (VGA Code 1023) BLACK LEVEL CLAMP Clamp Level Resolution Clamp Level Min Clamp Level (0) Max Clamp Level (255) A/D CONVERTER Resolution Differential Nonlinearity (DNL) No Missing Codes Full-Scale Input Voltage VOLTAGE REFERENCE Reference Top Voltage (REFT) Reference Bottom Voltage (REFB) SYSTEM PERFORMANCE VGA Gain Accuracy Min Gain (Code 0) Max Gain (Code 1023) Peak Nonlinearity, 500 mV Input Signal Total Output Noise Power Supply Rejection (PSR)
*Input signal characteristics defined as follows:
(TMIN to TMAX, AVDD = DVDD = 3.0 V, fCLI = 25 MHz, Typical Timing Specifications, unless otherwise noted.)
Min Typ 0 500 1.0 50 256 0 18 1.0 2.0 1024 Guaranteed 6 42 256 0 63.75 10 -1.0 Max Unit dB mV V p-p mV Steps dB dB V p-p V p-p Steps Notes
dB dB Steps Measured at ADC output LSB LSB Bits LSB V V V Specifications include entire signal chain
0.5 Guaranteed 2.0 2.0 1.0
+1.0
5.0 40.5
5.5 41.5 0.2 0.25 50
6.0 42.5
dB dB % LSB rms dB
12 dB gain applied AC grounded input, 6 dB gain applied Measured with step change on supply
500mV TYP RESET TRANSIENT 50mV MAX OPTICAL BLACK PIXEL 1V MAX INPUT SIGNAL RANGE
Specifications subject to change without notice.
REV. 0
-3-
AD9948 TIMING SPECIFICATIONS
Parameter MASTER CLOCK (CLI) (See Figure 4) CLI Clock Period CLI High/Low Pulsewidth Delay from CLI to Internal Pixel Period Position CLPOB Pulsewidth (Programmable)* SAMPLE CLOCKS (See Figure 6) SHP Rising Edge to SHD Rising Edge DATA OUTPUTS (See Figures 7a and 7b) Output Delay From Programmed Edge Pipeline Delay SERIAL INTERFACE Maximum SCK Frequency SL to SCK Setup Time SCK to SL Hold Time SDATA Valid to SCK Rising Edge Setup SCK Falling Edge to SDATA Valid Hold SCK Falling Edge to SDATA Valid Read
Specifications subject to change without notice.
(CL = 20 pF, fCLI = 25 MHz, Serial Timing in Figure 3, unless otherwise noted.)
Symbol tCLI tADC tCLIDLY tCOB tS1 tOD 2 17 Min 40 16 Typ Max Unit ns ns ns Pixels ns ns Cycles MHz ns ns ns ns ns
20 6 20 20 6 11
24
fSCLK tLS tLH tDS tDH tDV
10 10 10 10 10 10
*Minimum CLPOB pulsewidth is for functional operation only. Wider typical pulses are recommended to achieve low noise clamp reference.
ABSOLUTE MAXIMUM RATINGS*
Parameter AVDD, TCVDD HVDD, RGVDD DVDD, DRVDD Any VSS Digital Outputs CLPOB/PBLK, HBLK SCK, SL, SDATA RG H1-H4 REFT, REFB, CCDIN Junction Temperature Lead Temperature (10 sec)
With Respect To AVSS HVSS, RGVSS DVSS, DRVSS Any VSS DRVSS DVSS DVSS RGVSS HVSS AVSS
Min -0.3 -0.3 -0.3 -0.3 -0.3 -0.3 -0.3 -0.3 -0.3 -0.3
Max +3.9 +3.9 +3.9 +0.3 DRVDD + 0.3 DVDD + 0.3 DVDD + 0.3 RGVDD + 0.3 HVDD + 0.3 AVDD + 0.3 150 300
Unit V V V V V V V V V V C C
*Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ORDERING GUIDE
THERMAL CHARACTERISTICS Thermal Resistance
Model AD9948KCP AD9948KCPRL AD9948KCPZ* AD9948KCPZRL*
Temperature Range -20C to +85C -20C to +85C -20C to +85C -20C to +85C
Package Package Description Option LFCSP LFCSP LFCSP LFCSP CP-40 CP-40 CP-40 CP-40
40-Lead LFCSP Package JA = 27C/W*
* JA is measured using a 4-layer PCB with the exposed paddle soldered to the board.
*This is a lead free product.
CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD9948 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
-4-
REV. 0
AD9948
PIN CONFIGURATION
39 CLP/PBLK
38 HBLK 37 DVDD 36 DVSS
33 SCK 32 SDI
40 NC
35 HD 34 VD
31 SL
NC (LSB) D0 D1 D2 DRVSS DRVDD D3 D4 D5
1 2 3 4 5 6 7 8 9
PIN 1 IDENTIFIER
30 29 28 27
REFB REFT AVSS CCDIN AVDD CLI TCVDD TCVSS RGVDD RG
AD9948
TOP VIEW
26 25 24 23 22 21
D6 10
(MSB) D9 13 H1 14 H2 15
HVSS 16
HVDD 17
D7 11 D8 12
H3 18
H4 19
PIN FUNCTION DESCRIPTIONS
Pin No. 2-4 5 6 7-13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 1, 40
Mnemonic D0-D2 DRVSS DRVDD D3-D9 H1 H2 HVSS HVDD H3 H4 RGVSS RG RGVDD TCVSS TCVDD CLI AVDD CCDIN AVSS REFT REFB SL SDI SCK VD HD DVSS DVDD HBLK CLP/PBLK NC
Type* DO P P DO DO DO P P DO DO P DO P P P DI P AI P AO AO DI DI DI DI DI P P DI DO
Description Data Outputs (D0 is LSB) Digital Driver Ground Digital Driver Supply Data Outputs (D9 is MSB) CCD Horizontal Clock 1 CCD Horizontal Clock 2 H1-H4 Driver Ground H1-H4 Driver Supply CCD Horizontal Clock 3 CCD Horizontal Clock 4 RG Driver Ground CCD Reset Gate Clock RG Driver Supply Analog Ground for Timing Core Analog Supply for Timing Core Master Clock Input Analog Supply for AFE Analog Input for CCD Signal (Connect through Series 0.1 F Capacitor) Analog Ground for AFE Reference Top Decoupling (Decouple with 1.0 F to AVSS) Reference Bottom Decoupling (Decouple with 1.0 F to AVSS) 3-Wire Serial Load 3-Wire Serial Data Input 3-Wire Serial Clock Vertical Sync Pulse Horizontal Sync Pulse Digital Ground Digital Supply Optional HBLK Input CLPOB or PBLK Output Not Internally Connected
*Type: AI = Analog Input, AO = Analog Output, DI = Digital Input, DO = Digital Output, P = Power.
REV. 0
-5-
RGVSS 20
AD9948
TERMINOLOGY Differential Nonlinearity (DNL) Total Output Noise
An ideal ADC exhibits code transitions that are exactly 1 LSB apart. DNL is the deviation from this ideal value. Thus every code must have a finite width. No missing codes guaranteed to 10-bit resolution indicates that all 1024 codes, respectively, must be present over all operating conditions.
Peak Nonlinearity
The rms output noise is measured using histogram techniques. The standard deviation of the ADC output codes is calculated in LSB, and represents the rms noise level of the total signal chain at the specified gain setting. The output noise can be converted to an equivalent voltage, using the relationship
1 LSB = (ADC full scale/ 2n codes)
Peak nonlinearity, a full signal chain specification, refers to the peak deviation of the output of the AD9948 from a true straight line. The point used as zero scale occurs 0.5 LSB before the first code transition. Positive full scale is defined as a level 1 LSB and 0.5 LSB beyond the last code transition. The deviation is measured from the middle of each particular output code to the true straight line. The error is then expressed as a percentage of the 2 V ADC full-scale signal. The input signal is always appropriately gained up to fill the ADC's full-scale range.
EQUIVALENT CIRCUITS
AVDD
where n is the bit resolution of the ADC. For the AD9948, 1 LSB is approximately 1.95 mV.
Power Supply Rejection (PSR)
The PSR is measured with a step change applied to the supply pins. The PSR specification is calculated from the change in the data outputs for a given step change in the supply voltage.
DVDD
R
330
AVSS
AVSS
Circuit 1. CCDIN (Pin 27)
AVDD
DVSS
Circuit 4. Digital Inputs (Pins 31-35, 38)
330 CLI 1.4V 25k
HVDD or RGVDD
DATA
AVSS
Circuit 2. CLI (Pin 25)
DVSS DRVDD
ENABLE
OUTPUT
DATA
HVSS or RGVSS
THREESTATE DOUT
Circuit 5. H1-H4 and RG (Pins 14, 15, 18, 19, 21)
DVSS
DRVSS
Circuit 3. Data Outputs D0-D9 (Pins 2-4, 7-13)
-6-
REV. 0
Typical Performance Characteristics-AD9948
1.0
0.5
DNL (LSB)
0
-0.5
-1.0 0 200 400 600 ADC OUTPUT CODE 800 1000
TPC 1. Typical DNL
10
7.5
OUTPUT NOISE (LSB)
5.0
2.5
0 0 200 400 600 VGA GAIN CODE (LSB) 800 1000
TPC 2. Output Noise vs. VGA Gain
275 250 POWER DISSIPATION (mW) 225 VDD = 3.3V 200 VDD = 3.0V 175 VDD = 2.7V 150 125
100 10
15 20 SAMPLE RATE (MHz)
25
TPC 3. Power Curves
REV. 0
-7-
AD9948
SYSTEM OVERVIEW
V-DRIVER V1-Vx, VSG1-VSGx, SUBCK H1-H4, RG DOUT CCDIN
generates the high speed CCD clocks and all internal AFE clocks. All AD9948 clocks are synchronized with VD and HD. All of the AD9948's horizontal pulses (CLPOB, PBLK, and HBLK) are programmed and generated internally. The H-drivers for H1-H4 and RG are included in the AD9948, allowing these clocks to be connected directly to the CCD. H-drive voltage of 3 V is supported in the AD9948.
CCD
AD9948
INTEGRATED AFE + TD HD, VD
DIGITAL IMAGE PROCESSING ASIC
Figure 2a shows the horizontal and vertical counter dimensions for the AD9948. All internal horizontal clocking is programmed using these dimensions to specify line and pixel locations.
MAXIMUM FIELD DIMENSIONS
CLI SERIAL INTERFACE
Figure 1. Typical Application
12-BIT HORIZONTAL = 4096 PIXELS MAX
Figure 1 shows the typical system application diagram for the AD9948. The CCD output is processed by the AD9948's AFE circuitry, which consists of a CDS, a PxGA, a VGA, a black level clamp, and an A/D converter. The digitized pixel information is sent to the digital image processor chip, where all postprocessing and compression occurs. To operate the CCD, CCD timing parameters are programmed into the AD9948 from the image processor through the 3-wire serial interface. From the system master clock, CLI, provided by the image processor, the AD9948
12-BIT VERTICAL = 4096 LINES MAX
Figure 2a. Vertical and Horizontal Counters
MAX VD LENGTH IS 4095 LINES
VD
MAX HD LENGTH IS 4095 PIXELS
HD
CLI
Figure 2b. Maximum VD/HD Dimensions
-8-
REV. 0
AD9948
SERIAL INTERFACE TIMING COMPLETE REGISTER LISTING
All of the internal registers of the AD9948 are accessed through a 3-wire serial interface. Each register consists of an 8-bit address and a 24-bit data-word. Both the 8-bit address and 24-bit dataword are written starting with the LSB. To write to each register, a 32-bit operation is required, as shown in Figure 3a. Although many registers are less than 24 bits wide, all 24 bits must be written for each register. If the register is only 16 bits wide, then the upper eight bits are don't cares and may be filled with zeros during the serial write operation. If fewer than 24 bits are written, the register will not be updated with new data. Figure 3b shows a more efficient way to write to the registers by using the AD9948's address auto-increment capability. Using this method, the lowest desired address is written first, followed by multiple 24-bit data-words. Each new 24-bit data-word will be written automatically to the next highest register address. By eliminating the need to write each 8-bit address, faster register loading is achieved. Address auto-increment may be used starting with any register location, and may be used to write to as few as two registers or as many as the entire register space.
All addresses and default values are expressed in hexadecimal. All registers are VD/HD updated as shown in Figure 3a, except for the registers indicated in Table I, which are SL updated.
Table I. SL-Updated Registers
Register OPRMODE CTLMODE SW_RESET TGCORE _RSTB PREVENTUPDATE VDHDEDGE FIELDVAL HBLKRETIME CLPBLKOUT CLPBLKEN H1CONTROL RGCONTROL DRVCONTROL SAMPCONTROL DOUTPHASE
Description AFE Operation Modes AFE Control Modes Software Reset Bit Reset Bar Signal for Internal TG Core Prevents Update of Registers VD/HD Active Edge Resets Internal Field Pulse Retimes the HBLK to Internal Clock CLP/BLK Output Pin Select Enables CLP/BLK Output Pin H1/H2 Polarity Control H1 Positive Edge Location H1 Negative Edge Location H1 Drive Current H2 Drive Current
8-BIT ADDRESS SDATA A0 A1 A2 A3 A4 A5 A6 A7 D0 D1 D2
24-BIT DATA D3
... ... ... ... ...
D21
D22
D23
tDS
SCK 1 2 3 4
tDH
5 6 7 8 9 10 11 12
30
31
32
tLS
SL
tLH
SL UPDATED
VD/HD UPDATED
VD
HD
NOTES 1. INDIVIDUAL SDATA BITS ARE LATCHED ON SCK RISING EDGES. 2. ALL 32 BITS MUST BE WRITTEN: 8 BITS FOR ADDRESS AND 24 BITS FOR DATA. 3. IF THE REGISTER LENGTH IS <24 BITS, THEN DON'T CARE BITS MUST BE USED TO COMPLETE THE 24-BIT DATA LENGTH. 4. NEW DATA IS UPDATED AT EITHER THE SL RISING EDGE OR AT THE HD FALLING EDGE AFTER THE NEXT VD FALLING EDGE. 5. VD/HD UPDATE POSITION MAY BE DELAYED TO ANY HD FALLING EDGE IN THE FIELD USING THE UPDATE REGISTER.
Figure 3a. Serial Write Operation
DATA FOR STARTING REGISTER ADDRESS SDATA A0 A1 A2 A3 A4 A5 A6 A7 D0 D1
DATA FOR NEXT REGISTER ADDRESS D23 D0 D1
... ... ...
D22
... ... ...
D22 D23
D0
D1
D2
... ... ...
SCK
1
2
3
4
5
6
7
8
9
10
31
32
33
34
55
56
57
58
59
SL
NOTES 1. MULTIPLE SEQUENTIAL REGISTERS MAY BE LOADED CONTINUOUSLY. 2. THE FIRST (LOWEST ADDRESS) REGISTER ADDRESS IS WRITTEN, FOLLOWED BY MULTIPLE 24-BIT DATA-WORDS. 3. THE ADDRESS WILL AUTOMATICALLY INCREMENT WITH EACH 24-BIT DATA-WORD (ALL 24 BITS MUST BE WRITTEN). 4. SL IS HELD LOW UNTIL THE LAST DESIRED REGISTER HAS BEEN LOADED. 5. NEW DATA IS UPDATED AT EITHER THE SL RISING EDGE OR AT THE HD FALLING EDGE AFTER THE NEXT VD FALLING EDGE.
Figure 3b. Continuous Serial Write Operation
REV. 0
-9-
AD9948
Table II. AFE Register Map
Address 00 01 02 03 04 05
Data Bit Content [11:0] [9:0] [7:0] [11:0] [17:0] [17:0]
Default Value 4 0 80 4 0 0
Name OPRMODE VGAGAIN CLAMP LEVEL CTLMODE PxGA GAIN01 PxGA GAIN23
Description AFE Operation Modes. (See Table VIII.) VGA Gain. Optical Black Clamp Level. AFE Control Modes. (See Table IX.) PxGA Gain Registers for Color 0 [8:0] and Color 1 [17:9]. PxGA Gain Registers for Color 2 [8:0] and Color 3 [17:9].
Table III. Miscellaneous Register Map
Address 10 11 12
Data Bit Content [0] [0] [0]
Default Value 0 0 0
Name SW_RST OUT_CONTROL TGCORE_RSTB
Description Software Reset. 1 = Reset all registers to default, then self-clear back to 0. Output Control. 0 = Make all dc outputs inactive. Timing Core Reset Bar. 0 = Reset TG core. 1 = Resume operation. Serial Update. Sets the line (HD) within the field to update serial data. Prevents the update of the VD-Updated Registers. 1 = Prevent update. VD/HD Active Edge. 0 = Falling edge triggered. 1 = Rising edge triggered. Field Value Sync. 0 = Next Field 0. 1 = Next Field 1. 2/3 = Next Field 2. Retime HBLK to Internal H1 Clock. Preferred setting is 1. Setting to 1 will add one cycle delay to HBLK toggle positions. CLP/BLK Pin Output Select. 0 = CLPOB. 1 = PBLK. 2 = HBLK. 3 = Low. Enable CLP/BLK Output. 1 = Enable. Internal Test Mode. Should always be set low.
13 14 15
[11:0] [0] [0]
0 0 0
UPDATE PREVENTUPDATE VDHDEDGE
16
[1:0]
0
FIELDVAL
17
[0]
0
HBLKRETIME
18
[1:0]
0
CLPBLKOUT
19 1A
[0] [0]
1 0
CLPBLKEN TEST MODE
-10-
REV. 0
AD9948
Table IV. CLPOB Register Map
Address 20 21 22 23 24 25 26 27 28
Data Bit Content [3:0] [23:0] [23:0] [23:0] [23:0] [7:0] [11:0] [11:0] [11:0]
Default Value (Hex) F FFFFFF FFFFFF FFFFFF FFFFFF 0 0 FFF FFF FFF
Name CLPOBPOL CLPOBTOG_0 CLPOBTOG_1 CLPOBTOG_2 CLPOBTOG_3 CLPOBSCP0 CLPOBSPTR CLPOBSCP1 CLPOBSCP2 CLPOBSCP3
Description Start Polarities for CLPOB Sequences 0, 1, 2, and 3. Sequence 0. Toggle Position 1 [11:0] and Toggle Position 2 [23:12]. Sequence 1. Toggle Position 1 [11:0] and Toggle Position 2 [23:12]. Sequence 2. Toggle Position 1 [11:0] and Toggle Position 2 [23:12]. Sequence 3. Toggle Position 1 [11:0] and Toggle Position 2 [23:12]. CLPOB Sequence-Change-Position 0 (Hard-Coded to 0). CLPOB Sequence Pointers for Region 0 [1:0], 1 [3:2], 2 [5:4], 3 [7:6]. CLPOB Sequence-Change-Position 1. CLPOB Sequence-Change-Position 2. CLPOB Sequence-Change-Position 3.
Table V. PBLK Register Map
Address 30 31 32 33 34 35 36 37 38
Data Bit Content [3:0] [23:0] [23:0] [23:0] [23:0] [7:0] [11:0] [11:0] [11:0]
Default Value (Hex) F FFFFFF FFFFFF FFFFFF FFFFFF 0 0 FFF FFF FFF
Name PBLKPOL PBLKTOG_0 PBLKTOG_1 PBLKTOG_2 PBLKTOG_3 PBLKSCP0 PBLKSPTR PBLKSCP1 PBLKSCP2 PBLKSCP3
Description Start Polarities for PBLK Sequences 0, 1, 2, and 3. Sequence 0. Toggle Position 1 [11:0] and Toggle Position 2 [23:12]. Sequence 1. Toggle Position 1 [11:0] and Toggle Position 2 [23:12]. Sequence 2. Toggle Position 1 [11:0] and Toggle Position 2 [23:12]. Sequence 3. Toggle Position 1 [11:0] and Toggle Position 2 [23:12]. PBLK Sequence-Change-Position 0 (Hard-Coded to 0). PBLK Sequence Pointers for Region 0 [1:0], 1 [3:2], 2 [5:4], 3 [7:6]. PBLK Sequence-Change-Position 1. PBLK Sequence-Change-Position 2. PBLK Sequence-Change-Position 3.
REV. 0
-11-
AD9948
Table VI. HBLK Register Map
Address 40
Data Bit Content [0]
Default Value (Hex) 0
Name HBLKDIR
Description HBLK Internal/External. 0 = Internal. 1 = External. HBLK External Active Polarity. 0 = Active Low. 1 = Active High. HBLK External Masking Polarity. 0 = Mask H1 Low. 1 = Mask H1High. HBLK Internal Masking Polarity. 0 = Mask H1 Low. 1 = Mask H1 High. Sequence 0. Toggle Position 1 [11:0] and Toggle Position 2 [23:12]. Sequence 0. Toggle Position 3 [11:0] and Toggle Position 4 [23:12]. Sequence 0. Toggle Position 5 [11:0] and Toggle Position 6 [23:12]. Sequence 1. Toggle Position 1 [11:0] and Toggle Position 2 [23:12]. Sequence 1. Toggle Position 3 [11:0] and Toggle Position 4 [23:12]. Sequence 1. Toggle Position 5 [11:0] and Toggle Position 6 [23:12]. Sequence 2. Toggle Position 1 [11:0] and Toggle Position 2 [23:12]. Sequence 2. Toggle Position 3 [11:0] and Toggle Position 4 [23:12]. Sequence 2. Toggle Position 5 [11:0] and Toggle Position 6 [23:12]. Sequence 3. Toggle Position 1 [11:0] and Toggle Position 2 [23:12]. Sequence 3. Toggle Position 3 [11:0] and Toggle Position 4 [23:12]. Sequence 3. Toggle Position 5 [11:0] and Toggle Position 6 [23:12]. HBLK Sequence-Change-Position 0 (Hard-coded to 0). HBLK Sequence Pointers for Region 0 [1:0], 1 [3:2], 2 [5:4], 3 [7:6]. HBLK Sequence-Change-Position 1. HBLK Sequence-Change-Position 2. HBLK Sequence-Change-Position 3.
41
[0]
0
HBLKPOL
42
[0]
1
HBLKEXTMASK
43
[3:0]
F
HBLKMASK
44 45 46 47 48 49 4A 4B 4C 4D 4E 4F 50 51 52 53
[23:0] [23:0] [23:0] [23:0] [23:0] [23:0] [23:0] [23:0] [23:0] [23:0] [23:0] [23:0] [7:0] [11:0] [11:0] [11:0]
FFFFFF FFFFFF FFFFFF FFFFFF FFFFFF FFFFFF FFFFFF FFFFFF FFFFFF FFFFFF FFFFFF FFFFFF 0 0 FFF FFF FFF
HBLKTOG12_0 HBLKTOG34_0 HBLKTOG56_0 HBLKTOG12_1 HBLKTOG34_1 HBLKTOG56_1 HBLKTOG12_2 HBLKTOG34_2 HBLKTOG56_2 HBLKTOG12_3 HBLKTOG34_3 HBLKTOG56_3 HBLKSCP0 HBLKSPTR HBLKSCP1 HBLKSCP2 HBLKSCP3
Table VII. H1-H2, RG, SHP, SHD Register Map
Address 60
Data Bit Content [12:0]
Default Value 01001
Name H1CONTROL
Description H1 Signal Control. Polarity [0] (0 = Inversion, 1 = No Inversion). H1 Positive Edge Location [6:1]. H1 Negative Edge Location [12:7]. RG Signal Control. Polarity [0] (0 = Inversion, 1 = No Inversion). RG Positive Edge Location [6:1]. RG Negative Edge Location [12:7]. Drive Strength Control for H1 [2:0], H2 [5:3], H3 [8:6], H4 [11:9], and RG [14:12]. Drive Current Values: 0 = Off, 1 = 4.3 mA, 2 = 8.6 mA, 3 = 12.9 mA, 4 = 17.2 mA, 5 = 21.5 mA, 6 = 25.8 mA, 7 = 30.1 mA. SHP/SHD Sample Control. SHP Sampling Location [5:0]. SHD Sampling Location [11:6]. DOUT Phase Control. -12- REV. 0
61
[12:0]
00801
RGCONTROL
62
[14:0]
0
DRVCONTROL
63 64
[11:0] [5:0]
00024 0
SAMPCONTROL DOUTPHASE
AD9948
Table VIII. AFE Operation Register Detail
Address 00
Data Bit Content [1:0]
Default Value 0
Name PWRDOWN
Description 0 = Normal Operation. 1 = Reference Standby. 2/3 = Total Power-Down. 0 = Disable OB Clamp. 1 = Enable OB Clamp. 0 = Select Normal OB Clamp Settling. 1 = Select Fast OB Clamp Settling. 0 = Ignore VGA Update. 1 = Very Fast Clamping when VGA Is Updated. DOUT Value during PBLK. 0 = Blank to Zero. 1 = Blank to Clamp Level. Test Operation Only. Set to zero. 0 = Enable DC Restore Circuit. 1 = Bypass DC Restore Circuit during PBLK. Test Operation Only. Set to zero. Adjustment of CDS Gain. 0 = 0 dB. 01= -2 dB. 10 = -4 dB. 11 = 0 dB.
[2] [3] [4] [5]
1 0 0 0
CLPENABLE CLPSPEED FASTUPDATE PBLK_LVL
[7:6] [8] [9] [11:10]
0 0 0 0
TEST MODE DCBYP TESTMODE CDSGAIN
Table IX. AFE Control Register Detail
Address 04
Data Bit Content [1:0]
Default Value 0
Name COLORSTEER
Description 0 = Off. 1 = Progressive. 2 = Interlaced. 3 = Three Field. 0 = Disable PxGA. 1 = Enable PxGA. 0 = Data Outputs Are Driven. 1 = Data Outputs Are Three-Stated. 0 = Latch Data Outputs with DOUT Phase. 1 = Output Latch Transparent. 0 = Binary Encode Data Outputs. 1= Gray Encode Data Outputs.
[2] [3] [4] [5]
1 0 0 0
PXGAENABLE DOUTDISABLE DOUTLATCH GRAYENCODE
REV. 0
-13-
AD9948
PRECISION TIMING HIGH SPEED TIMING GENERATION High Speed Clock Programmability
The AD9948 generates flexible high speed timing signals using the Precision Timing core. This core is the foundation for generating the timing used for both the CCD and the AFE; the reset gate RG, horizontal drivers H1-H4, and the SHP/SHD sample clocks. A unique architecture makes it routine for the system designer to optimize image quality by providing precise control over the horizontal CCD readout and the AFE correlated double sampling.
Timing Resolution
Figure 5 shows how the high speed clocks, RG, H1-H4, SHP, and SHD, are generated. The RG pulse has programmable rising and falling edges, and may be inverted using the polarity control. The horizontal clocks H1 and H3 have programmable rising and falling edges, and polarity control. The H2 and H4 clocks are always inverses of H1 and H3, respectively. Table X summarizes the high speed timing registers and their parameters. Each edge location setting is 6 bits wide, but only 48 valid edge locations are available. Therefore, the register values are mapped into four quadrants, with each quadrant containing 12 edge locations. Table XI shows the correct register values for the corresponding edge locations.
The Precision Timing core uses a 1x master clock input (CLI) as a reference. This clock should be the same as the CCD pixel clock frequency. Figure 4 illustrates how the internal timing core divides the master clock period into 48 steps or edge positions. Therefore, the edge resolution of the Precision Timing core is (tCLI/48). For more information on using the CLI input, refer to the Applications Information section.
POSITION CLI
P[0]
P[12]
P[24]
P[36]
P[48] = P[0]
tCLIDLY
1 PIXEL PERIOD
...
...
NOTES 1. PIXEL CLOCK PERIOD IS DIVIDED INTO 48 POSITIONS, PROVIDING FINE EDGE RESOLUTION FOR HIGH SPEED CLOCKS. 2. THERE IS A FIXED DELAY FROM THE CLI INPUT TO THE INTERNAL PIXEL PERIOD POSITIONS (tCLIDLY = 6 ns TYP).
Figure 4. High Speed Clock Resolution From CLI Master Clock Input
(3) CCD SIGNAL (1) RG (5) H1/H3 (6) (2) (4)
H2/H4 PROGRAMMABLE CLOCK POSITIONS: 1. RG RISING EDGE 2. RG FALLING EDGE 3. SHP SAMPLE LOCATION 4. SHD SAMPLE LOCATION 5. H1/H3 RISING EDGE POSITION 6. H1/H3 FALLING EDGE POSITION (H2/H4 ARE INVERSE OF H1/H3)
Figure 5. High Speed Clock Programmable Locations
Table X. H1CONTROL, RGCONTROL, DRVCONTROL, and SAMPCONTROL Register Parameters
Parameter Polarity Positive Edge Negative Edge Sample Location Drive Control DOUT Phase
Length 1b 6b 6b 6b 3b 6b
Range High/Low 0-47 Edge Location 0-47 Edge Location 0-47 Sample Location 0-7 Current Steps 0-47 Edge Location
Description Polarity Control for H1/H3 and RG (0 = No Inversion, 1 = Inversion). Positive Edge Location for H1/H3 and RG. Negative Edge Location for H1/H3 and RG. Sampling Location for SHP and SHD. Drive Current for H1-H4 and RG Outputs, 0-7 Steps of 4.1 mA Each. Phase Location of Data Outputs with Respect to Pixel Period.
-14-
REV. 0
AD9948
Table XI. Precision Timing Edge Locations
Quadrant I II III IV
Edge Location (Decimal) 0 to 11 12 to 23 24 to 35 36 to 47
Register Value (Decimal) 0 to 11 16 to 27 32 to 43 48 to 59
Register Value (Binary) 000000 to 001011 010000 to 011011 100000 to 101011 110000 to 111011
H-Driver and RG Outputs
In addition to the programmable timing positions, the AD9948 features on-chip output drivers for the RG and H1-H4 outputs. These drivers are powerful enough to directly drive the CCD inputs. The H-driver and RG driver current can be adjusted for optimum rise/fall time into a particular load by using the DRVCONTROL register (Address x062). The DRVCONTROL register is divided into five different 3-bit values, each one being adjustable in 4.1 mA increments. The minimum setting of 0 is equal to OFF or three-state, and the maximum setting of 7 is equal to 30.1 mA.
As shown in Figure 6, the H2/H4 outputs are inverses of H1/H3. The internal propagation delay resulting from the signal inversion is less than l ns, which is significantly less than the typical rise time driving the CCD load. This results in a H1/H2 crossover voltage at approximately 50% of the output swing. The crossover voltage is not programmable.
Digital Data Outputs
The AD9948 data output phase is programmable using the DOUTPHASE register (Address x064). Any edge from 0 to 47 may be programmed, as shown in Figure 7a. The pipeline delay for the digital data output is shown in Figure 7b.
H1/H3
tRISE
H2/H4
tPD << tRISE
H1/H3 FIXED CROSSOVER VOLTAGE
tPD
H2/H4
Figure 6. H-Clock Inverse Phase Relationship
P[0] CLI 1 PIXEL PERIOD P[12] P[24] P[36] P[48] = P[0]
tOD
DOUT
NOTES 1. DIGITAL OUTPUT DATA (DOUT) PHASE IS ADJUSTABLE WITH RESPECT TO THE PIXEL PERIOD. 2. WITHIN ONE CLOCK PERIOD, THE DATA TRANSITION CAN BE PROGRAMMED TO ANY OF THE 48 LOCATIONS.
Figure 7a. Digital Output Phase Adjustment
CLI
tCLIDLY
N-1 CCDIN SAMPLE PIXEL N SHD (INTERNAL) PIPELINE LATENCY = 11 CYCLES DOUT N-13 N-12 N-11 N-10 N-9 N-8 N-7 N-6 N-5 N-4 N-3 N-2 N-1 N N+1 N N+1 N+2 N+3 N+4 N+5 N+6 N+7 N+8 N+9 N+10 N+11 N+12 N+13
NOTES DEFAULT TIMING VALUES ARE SHOWN: SHDLOC = 0, DOUT PHASE = 0. HIGHER VALUES OF SHD AND/OR DOUTPHASE WILL SHIFT DOUT TRANSITION TO THE RIGHT, WITH RESPECT TO CLI LOCATION.
REV. 0
Figure 7b. Pipeline Delay for Digital Data Output -15-
AD9948
HORIZONTAL CLAMPING AND BLANKING
The AD9948's horizontal clamping and blanking pulses are fully programmable to suit a variety of applications. Individual sequences are defined for each signal, which are then organized into multiple regions during image readout. This allows the dark pixel clamping and blanking patterns to be changed at each stage of the readout to accommodate different image transfer timing and high speed line shifts.
Individual CLPOB and PBLK Sequences
fully programmable for each signal. The CLPOB and PBLK signals are active low, and should be programmed accordingly. Up to four individual sequences can be created for each signal.
Individual HBLK Sequences
The AFE horizontal timing consists of CLPOB and PBLK, as shown in Figure 8. These two signals are independently programmed using the parameters shown in Table XII. The start polarity, first toggle position, and second toggle position are
The HBLK programmable timing shown in Figure 9 is similar to CLPOB and PBLK. However, there is no start polarity control. Only the toggle positions are used to designate the start and the stop positions of the blanking period. Additionally, there is a polarity control, HBLKMASK, which designates the polarity of the horizontal clock signals H1-H4 during the blanking period. Setting HBLKMASK high will set H1 = H3 = low and H2 = H4 = high during the blanking, as shown in Figure 10. Up to four individual sequences are available for HBLK.
...
HD
CLPOB (1) PBLK
ACTIVE
ACTIVE
PROGRAMMABLE SETTINGS: 1. START POLARITY (CLAMP AND BLANK REGION ARE ACTIVE LOW) 2. FIRST TOGGLE POSITION 3. SECOND TOGGLE POSITION
Figure 8. Clamp and Preblank Pulse Placement
...
HD
HBLK
BLANK
BLANK
PROGRAMMABLE SETTINGS: 1. FIRST TOGGLE POSITION = START OF BLANKING 2. SECOND TOGGLE POSITION = END OF BLANKING
Figure 9. Horizontal Blanking (HBLK) Pulse Placement
Table XII. CLPOB and PBLK Individual Sequence Parameters
Parameter Polarity Toggle Position 1 Toggle Position 2
Length 1b 12b 12b
Range High/Low 0-4095 Pixel Location 0-4095 Pixel Location
Description Starting Polarity of Clamp and PBLK Pulses for Sequences 0-3. First Toggle Position within the Line for Sequences 0-3. Second Toggle Position within the Line for Sequences 0-3.
Table XIII. HBLK Individual Sequence Parameters
Parameter HBLKMASK Toggle Position 1 Toggle Position 2 Toggle Position 3 Toggle Position 4 Toggle Position 5 Toggle Position 6
Length 1b 12b 12b 12b 12b 12b 12b
Range High/Low 0-4095 Pixel Location 0-4095 Pixel Location 0-4095 Pixel Location 0-4095 Pixel Location 0-4095 Pixel Location 0-4095 Pixel Location
Description Masking Polarity for H1 for Sequences 0-3 (0 = H1 Low, 1 = H1 High). First Toggle Position within the Line for Sequences 0-3. Second Toggle Position within the Line for Sequences 0-3. Third Toggle Position within the Line for Sequences 0-3. Fourth Toggle Position within the Line for Sequences 0-3. Fifth Toggle Position within the Line for Sequences 0-3. Sixth Toggle Position within the Line for Sequences 0-3.
-16-
...
(1)
(2)
...
REV. 0
(2)
(3)
AD9948
...
HD
HBLK
H1/H3
THE POLARITY OF H1 DURING BLANKING IS PROGRAMMABLE (H2 IS OPPOSITE POLARITY OF H1).
...
H1/H3 H2/H4
...
Figure 10. HBLK Masking Control
TOG1 TOG2 TOG3 TOG4 TOG5 TOG6
HBLK
H1/H3
H2/H4
SPECIAL H-BLANK PATTERN IS CREATED USING MULTIPLE HBLK TOGGLE POSITIONS.
Figure 11. Generating Special HBLK Patterns
Table XIV. Horizontal Sequence Control Parameters for CLPOB, PBLK, and HBLK
Register SCP SPTR
Length 12b 2b
Range 0-4095 Line Number 0-3 Sequence Number
Description CLOB/PBLK/HBLK SCP to Define Horizontal Regions 0-3. Sequence Pointer for Horizontal Regions 0-3.
GENERATING SPECIAL HBLK PATTERNS
Six toggle positions are available for HBLK. Normally, only two of the toggle positions are used to generate the standard HBLK interval. However, the additional toggle positions may be used to generate special HBLK patterns, as shown in Figure 11. The pattern in this example uses all six toggle positions to generate two extra groups of pulses during the HBLK interval. By changing the toggle positions, different patterns can be created.
Horizontal Sequence Control
designate which sequence is used by each signal. CLPOB, PBLK, and HBLK each have a separate set of SCPs. For example, CLPOBSCP1 will define Region 0 for CLPOB, and in that region, any of the four individual CLPOB sequences may be selected with the CLPOBSPTR register. The next SCP defines a new region, and in that region each signal can be assigned to a different individual sequence. The sequence control registers are summarized in Table XIV.
External HBLK Signal
The AD9948 uses sequence change positions (SCPs) and sequence pointers (SPTRs) to organize the individual horizontal sequences. Up to four SCPs are available to divide the readout into four separate regions, as shown in Figure 12. The SCP 0 is always hardcoded to Line 0, and SCP1-SCP3 are register programmable. During each region bounded by the SCP, the SPTR registers REV. 0
The AD9948 can also be used with an external HBLK signal. Setting the HBLKDIR register (Address x040) to high will disable the internal HBLK signal generation. The polarity of the external signal is specified using the HBLKPOL register, and the masking polarity of H1 is specified using the HBLKMASK register. Table XV summarizes the register values when using an external HBLK signal.
-17-
...
AD9948
SEQUENCE CHANGE OF POSITION 0 (V-COUNTER = 0) SEQUENCE CHANGE OF POSITION 1 CLAMP AND PBLK SEQUENCE REGION 1 SEQUENCE CHANGE OF POSITION 2 SINGLE FIELD (1 VD INTERVAL) CLAMP AND PBLK SEQUENCE REGION 0
CLAMP AND PBLK SEQUENCE REGION 2
SEQUENCE CHANGE OF POSITION 3
CLAMP AND PBLK SEQUENCE REGION 3
UP TO FOUR INDIVIDUAL HORIZONTAL CLAMP AND BLANKING REGIONS MAY BE PROGRAMMED WITHIN A SINGLE FIELD, USING THE SEQUENCE CHANGE POSITIONS.
Figure 12. Clamp and Blanking Sequence Flexibility
Table XV. External HBLK Register Parameters
Register HBLKDIR HBLKPOL
Length 1b 1b
Range High/Low High/Low
Description Specifies HBLK Internally Generated or Externally Supplied. 1 = External. External HBLK Active Polarity. 0 = Active Low. 1 = Active High. External HBLK Masking Polarity. 0 = Mask H1 Low. 1 = Mask H1 High.
HBLKEXTMASK
1b
High/Low
VD
HD
H-COUNTER RESET
CLI
H-COUNTER X (PIXEL COUNTER)
X
X
X
X
X
X
X
X
X
0
1
2
3
4
5
6
7
8
9
10
11
12
14
15
0
1
2
3
PxGA GAIN REGISTER X
X
X
X
X
X
X
X
X
X
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
2
3
2
3
NOTES 1. INTERNAL H-COUNTER IS RESET SEVEN CLI CYCLES AFTER THE HD FALLING EDGE (WHEN USING VDHDEDGE = 0). 2. TYPICAL TIMING RELATIONSHIP: CLI RISING EDGE COINCIDES WITH HD FALLING EDGE. 3. PxGA STEERING IS SYNCHRONIZED WITH THE RESET OF THE INTERNAL H-COUNTER (MOSAIC SEPARATE MODE IS SHOWN).
Figure 13. H-Counter Synchronization
H-COUNTER SYNCHRONIZATION
The H-Counter reset occurs seven CLI cycles following the HD falling edge. The PxGA steering is synchronized with the reset of the internal H-Counter (see Figure 13).
-18-
REV. 0
AD9948
POWER-UP PROCEDURE
VDD (INPUT)
CLI (INPUT)
tPWR
SERIAL WRITES
1V
...
VD (OUTPUT)
ODD FIELD 1H
... EVEN FIELD
...
HD (OUTPUT) H2/H4 DIGITAL OUTPUTS H1/H3, RG
...
CLOCKS ACTIVE WHEN OUT_CONTROL REGISTER IS UPDATED AT VD/HD EDGE
Figure 14. Recommended Power-Up Sequence
Recommended Power-Up Sequence
When the AD9948 is powered up, the following sequence is recommended (refer to Figure 14 for each step): 1. Turn on the power supplies for the AD9948. 2. Apply the master clock input, CLI, VD, and HD. 3. Although the AD9948 contains an on-chip power-on reset, a software reset of the internal registers is recommended. Write a 1 to the SW_RST register (Address x010), which will reset all the internal registers to their default values. This bit is self-clearing and will automatically be reset back to 0. 4. The Precision Timing core must be reset by writing a 0 to the TGCORE_RSTB register (Address x012) followed by writing a l to the TGCORE_RSTB register. This will start the internal timing core operation.
5. Write a 1 to the PREVENTUPDATE register (Address x014). This will prevent the updating of the serial register data. 6. Write to the desired registers to configure high speed timing and horizontal timing. 7. Write a 1 to the OUT_CONTROL register (Address x011). This will allow the outputs to become active after the next VD/HD rising edge. 8. Write a 0 to the PREVENTUPDATE register (Address x014). This will allow the serial information to be updated at next VD/HD falling edge. The next VD/HD falling edge allows register updates to occur, including OUT_CONTROL, which enables all clock outputs.
REV. 0
-19-
AD9948
1.0 F 1.0 F REFB DC RESTORE 1.5V SHP 1.0V REFT 2.0V
AD9948
INTERNAL VREF DOUT PHASE SHD 0dB ~ 18dB 6dB ~ 42dB VGA 2V FULL SCALE OUTPUT DATA LATCH 10 DOUT
1.0 F
CCDIN
CDS 0dB, -2dB, -4dB
PxGA
10-BIT ADC
PxGA GAIN REGISTERS
VGA GAIN REGISTER
DAC
OPTICAL BLACK CLAMP CLPOB PBLK DIGITAL FILTER 8
DOUT SHP SHD PHASE
CLPOB
PBLK
CLAMP LEVEL REGISTER
PRECISION TIMING GENERATION
V-H TIMING GENERATION
Figure 15. Analog Front End Functional Block Diagram
ANALOG FRONT END DESCRIPTION AND OPERATION PxGA
The AD9948 signal processing chain is shown in Figure 15. Each processing step is essential in achieving a high quality image from the raw CCD pixel data.
DC Restore
To reduce the large dc offset of the CCD output signal, a dc restore circuit is used with an external 0.1 F series coupling capacitor. This restores the dc level of the CCD signal to approximately 1.5 V to be compatible with the 3 V supply voltage of the AD9948.
Correlated Double Sampler
The CDS circuit samples each CCD pixel twice to extract the video information and reject low frequency noise. The timing shown in Figure 5 illustrates how the two internally generated CDS clocks, SHP and SHD, are used to sample the reference level and the CCD signal level, respectively. The placement of the SHP and SHD sampling edges is determined by the setting of the SAMPCONTROL register located at Address 0x63. Placement of these two clock signals is critical in achieving the best performance from the CCD. The gain in the CDS is fixed at 0 dB by default. Using Bits D10 and D11 in the AFE operation register, the gain may be reduced to -2 dB or -4 dB. This will allow the AD9948 to accept an input signal of greater than 1 V p-p. See Table VIII for register details.
Table XVI. Adjustable CDS Gain
The PxGA provides separate gain adjustment for the individual color pixels. A programmable gain amplifier with four separate values, the PxGA has the capability to multiplex its gain value on a pixel-to-pixel basis (see Figure 16). This allows lower output color pixels to be gained up to match higher output color pixels. Also, the PxGA may be used to adjust the colors for white balance, reducing the amount of digital processing that is needed. The four different gain values are switched according to the color steering circuitry. Three different color steering modes for different types of CCD color filter arrays are programmable in the AFE CTLMODE register at Address 0x03 (see Figures 18a to 18c for timing examples). For example, progressive steering mode accommodates the popular Bayer arrangement of red, green, and blue filters (see Figure 17a).
VD HD SHP/SHD COLOR STEERING CONTROL 2 GAIN0 4:1 MUX 8 GAIN1 GAIN2 GAIN3 PxGA GAIN REGISTERS 3 PxGA STEERING MODE SELECTION CONTROL REGISTER BITS D0-D1
CDS
PxGA
VGA
Operation Register Bits D11 D10 0 0 1 1 0 1 0 1
CDS Gain 0 dB -2 dB -4 dB 0 dB
Max CDS Input 1.0 V p-p 1.2 V p-p 1.6 V p-p 1.0 V p-p -20-
Figure 16. PxGA Block Diagram
REV. 0
AD9948
CCD: PROGRESSIVE BAYER COLOR STEERING MODE: PROGRESSIVE GAIN0, GAIN1, GAIN0, GAIN1, ... GAIN2, GAIN3, GAIN2, GAIN3, ... GAIN0, GAIN1, GAIN0, GAIN1, ... R Gb R Gb Gr B Gr B R Gb R Gb Gr B Gr B LINE0 LINE1 LINE2
A third type of readout uses the Bayer pattern divided into three different readout fields. The three-field mode should be used with this type of CCD (see Figure 17c). The color steering performs the proper multiplexing of the R, G, and B gain values (loaded into the PxGA gain registers), and is synchronized by the user with vertical (VD) and horizontal (HD) sync pulses. For timing information, see Figure 18c.
CCD: 3-FIELD READOUT FIRST FIELD COLOR STEERING MODE: THREE FIELD LINE0 LINE1 LINE2 GAIN0, GAIN1, GAIN0, GAIN1, ... GAIN2, GAIN3, GAIN2, GAIN3, ... GAIN0, GAIN1, GAIN0, GAIN1, ...
Figure 17a. CCD Color Filter Example--Progressive Scan
R Gb R Gb
Gr B Gr B
R Gb R Gb
Gr B Gr B
The same Bayer pattern can also be interlaced, and the interlaced mode should be used with this type of CCD (see Figure 17b). The color steering performs the proper multiplexing of the R, G, and B gain values (loaded into the PxGA gain registers), and is synchronized by the user with vertical (VD) and horizontal (HD) sync pulses. For timing information, see Figure 18b.
CCD: INTERLACED BAYER EVEN FIELD R R R R Gr Gr Gr Gr R R R R Gr Gr Gr Gr LINE0 LINE1 LINE2 COLOR STEERING MODE: INTERLACED GAIN0, GAIN1, GAIN0, GAIN1, ... GAIN0, GAIN1, GAIN0, GAIN1, ... GAIN0, GAIN1, GAIN0, GAIN1, ...
SECOND FIELD Gb R Gb R B Gr B Gr Gb R Gb R B Gr B Gr LINE0 LINE1 LINE2 GAIN2, GAIN3, GAIN2, GAIN3, ... GAIN0, GAIN1, GAIN0, GAIN1, ... GAIN2, GAIN3, GAIN2, GAIN3, ...
THIRD FIELD
ODD FIELD Gb Gb Gb Gb B B B B Gb Gb Gb Gb B B B B LINE0 LINE1 LINE2 GAIN2, GAIN3, GAIN2, GAIN3, ... GAIN2, GAIN3, GAIN2, GAIN3, ... GAIN2, GAIN3, GAIN2, GAIN3, ...
R Gb R Gb
Gr B Gr B
R Gb R Gb
Gr B Gr B
LINE0 LINE1 LINE2
GAIN0, GAIN1, GAIN0, GAIN1, ... GAIN2, GAIN3, GAIN2, GAIN3, ... GAIN0, GAIN1, GAIN0, GAIN1, ...
Figure 17c. CCD Color Filter Example--Three-Field Readout Figure 17b. CCD Color Filter Example--Interlaced Readout
REV. 0
-21-
AD9948
FIELDVAL FIELDVAL = 0 FIELDVAL = 0
VD
HD
PxGA GAIN REGISTER X
X
0
1
0
1
2
3
2
3
0
1
0
1
0
1
0
1
2
3
2
3
0
1
0
1
0
NOTES 1. VD FALLING EDGE WILL RESET THE PxGA GAIN REGISTER STEERING TO 0101 LINE. 2. HD FALLING EDGES WILL ALTERNATE THE PxGA GAIN REGISTER STEERING BETWEEN 0101 AND 2323 LINES. 3. FIELDVAL IS ALWAYS RESET TO 0 ON VD FALLING EDGES.
Figure 18a. PxGA Color Steering--Progressive Mode
FIELDVAL
FIELDVAL = 0
FIELDVAL = 1
FIELDVAL = 0
VD
HD
PxGA GAIN REGISTER X
X
0
1
0
1
0
1
0
1
2
3
2
3
2
3
2
3
0
1
0
1
0
1
0
1
NOTES 1. FIELDVAL = 0 (START OF FIRST FIELD) WILL RESET THE PxGA GAIN REGISTER STEERING TO 0101 LINE. 2. FIELDVAL = 1 (START OF SECOND FIELD) WILL RESET THE PxGA GAIN REGISTER STEERING TO 2323 LINE. 3. HD FALLING EDGES WILL RESET THE PxGA GAIN REGISTER STEERING TO EITHER 0 (FIELDVAL = 0) OR 2 (FIELDVAL = 1). 4. FIELDVAL WILL TOGGLE BETWEEN 0 AND 1 ON EACH VD FALLING EDGE.
Figure 18b. PxGA Color Steering--Interlaced Mode
FIELDVAL
FIELDVAL = 0
FIELDVAL = 1
FIELDVAL = 2
VD
HD
PxGA GAIN REGISTER X
X
0
1
0
1
2
3
2
3
2
3
2
3
1
0
1
0
0
1
0
1
2
3
2
3
NOTES 1. FIELDVAL = 0 (START OF FIRST FIELD) WILL RESET THE PxGA GAIN REGISTER STEERING TO 0101 LINE. 2. FIELDVAL = 1 (START OF SECOND FIELD) WILL RESET THE PxGA GAIN REGISTER STEERING TO 2323 LINE. 2. FIELDVAL = 2 (START OF THIRD FIELD) WILL RESET THE PxGA GAIN REGISTER STEERING TO 0101 LINE. 3. HD FALLING EDGES WILL ALTERNATE THE PxGA GAIN REGISTER STEERING BETWEEN 0101 AND 2323 LINES. 4. FIELDVAL WILL INCREMENT AT EACH VD FALLING EDGE, REPEATING THE 0...1...2...0...1...2 PATTERN.
Figure 18c. PxGA Color Steering--Three-Field Mode
-22-
REV. 0
AD9948
The PxGA gain for each of the four channels is variable from 0 dB to 18 dB in 512 steps, specified using the PxGA GAIN01 and PxGA GAIN23 registers. The PxGA gain curve is shown in Figure 19. The PxGA GAIN01 registers contains nine bits each for PxGA Gain0 and Gain1, and the PxGA GAIN23 registers contains nine bits each for PxGA Gain2 and Gain3.
18
A/D Converter
The AD9948 uses a high performance ADC architecture, optimized for high speed and low power. Differential nonlinearity (DNL) performance is typically better than 0.5 LSB. The ADC uses a 2 V input range. See TPC 1 and TPC 2 for typical linearity and noise performance plots for the AD9948.
Optical Black Clamp
15
PxGA GAIN (dB)
12
9
6
3
0
0
64
128
192
256
320
384
448
511
PxGA GAIN REGISTER CODE
The optical black clamp loop is used to remove residual offsets in the signal chain and to track low frequency variations in the CCD's black level. During the optical black (shielded) pixel interval on each line, the ADC output is compared with a fixed black level reference, selected by the user in the clamp level register. The value can be programmed between 0 LSB and 63.75 LSB in 256 steps. The resulting error signal is filtered to reduce noise, and the correction value is applied to the ADC input through a D/A converter. Normally, the optical black clamp loop is turned on once per horizontal line, but this loop can be updated more slowly to suit a particular application. If external digital clamping is used during the postprocessing, the AD9948 optical black clamping may be disabled using Bit D2 in the OPRMODE register. When the loop is disabled, the clamp level register may still be used to provide programmable offset adjustment. The CLPOB pulse should be placed during the CCD's optical black pixels. It is recommended that the CLPOB pulse duration be at least 20 pixels wide to minimize clamp noise. Shorter pulsewidths may be used, but clamp noise may increase and the ability to track low frequency variations in the black level will be reduced. See the Horizontal Clamping and Blanking and the Applications Information sections for timing examples.
Digital Data Outputs
Figure 19. PxGA Gain Curve
Variable Gain Amplifier
The VGA stage provides a gain range of 6 dB to 42 dB, programmable with 10-bit resolution through the serial digital interface. The minimum gain of 6 dB is needed to match a 1 V input signal with the ADC full-scale range of 2 V. When compared to 1 V full-scale systems, the equivalent gain range is 0 dB to 36 dB. The VGA gain curve follows a linear-in-dB characteristic. The exact VGA gain can be calculated for any gain register value by using the equation
Gain ( dB ) = (0.0351 x Code) + 6 dB
where the code range is 0 to 1023. There is a restriction on the maximum amount of gain that can be applied to the signal. The PxGA can add as much as 18 dB, and the VGA is capable of providing up to 42 dB. However, the maximum total gain from the PxGA and VGA is restricted to 42 dB. If the registers are programmed to specify a total gain higher than 42 dB, the total gain will be clipped at 42 dB.
42
The AD9948 digital output data is latched using the DOUT phase register value, as shown in Figure 15. Output data timing is shown in Figure 7. It is also possible to leave the output latches transparent, so that the data outputs are valid immediately from the A/D converter. Programming the AFE control register Bit D4 to a 1 will set the output latches transparent. The data outputs can also be disabled (three-stated) by setting the AFE control register Bit D3 to a 1. The data output coding is normally straight binary, but the coding my be changed to gray coding by setting the AFE control register Bit D5 to a 1.
36
VGA GAIN (dB)
30
24
18
12
6 0 127 255 383 511 639 767 VGA GAIN REGISTER CODE 895 1023
Figure 20. VGA Gain Curve (PxGA Not Included)
REV. 0
-23-
AD9948
APPLICATIONS INFORMATION Circuit Configuration Grounding and Decoupling Recommendations
The AD9948 recommended circuit configuration is shown in Figure 21. Achieving good image quality from the AD9948 requires careful attention to PCB layout. All signals should be routed to maintain low noise performance. The CCD output signal should be directly routed to Pin 27 through a 0.1 F capacitor. The master clock CLI should be carefully routed to Pin 25 to minimize interference with the CCDIN, REFT, and REFB signals. The digital outputs and clock inputs are located on Pins 2 to 13 and Pins 31 to 39, and should be connected to the digital ASIC away from the analog and CCD clock signals. Placing series resistors close to the digital output pins may help to reduce digital code transition noise. If the digital outputs must drive a load larger than 20 pF, buffering is recommended to minimize additional noise. If the digital ASIC can accept gray code, the AD9948's outputs can be selected to output data in gray code format using the control register Bit D5. Gray coding will help reduce potential digital transition noise compared with binary coding. The H1-H4 and RG traces should have low inductance to avoid excessive distortion of the signals. Heavier traces are recommended because of the large transient current demand on H1-H4 from the capacitive load of the CCD. If possible, physically locating the AD9948 closer to the CCD will reduce the inductance on these lines. As always, the routing path should be as direct as possible from the AD9948 to the CCD.
3V ANALOG SUPPLY
As shown in Figure 21, a single ground plane is recommended for the AD9948. This ground plane should be as continuous as possible, particularly around Pins 23 to 30. This will ensure that all analog decoupling capacitors provide the lowest possible impedance path between the power and bypass pins and their respective ground pins. All high frequency decoupling capacitors should be located as close as possible to the package pins. It is recommended that the exposed paddle on the bottom of the package be soldered to a large pad, with multiple vias connecting the pad to the ground plane. All the supply pins must be decoupled to ground with good quality, high frequency chip capacitors. There should also be a 4.7 F or larger bypass capacitor for each main supply--AVDD, RGVDD, HVDD, and DRVDD--although this is not necessary for each individual pin. In most applications, it is easier to share the supply for RGVDD and HVDD, which may be done as long as the individual supply pins are separately bypassed. A separate 3 V supply may be used for DRVDD, but this supply pin should still be decoupled to the same ground plane as the rest of the chip. A separate ground for DRVSS is not recommended. The reference bypass pins (REFT, REFB) should be decoupled to ground as close as possible to their respective pins. The analog input (CCDIN) capacitor should also be located close to the pin.
0.1 F
VD/HD/HBLK INPUTS CLP/BLK OUTPUT
4
39 CLP/PBLK
38 HBLK 37 DVDD 36 DVSS
3
SERIAL INTERFACE
33 SCK 32 SDI
40 NC
35 HD 34 VD
31 SL
NC (LSB) D0 D1 D2 3V DRIVER SUPPLY DRVSS + 4.7 F 0.1 F DRVDD D3 D4 D5
1 2 3 4 5 6 7 8 9
PIN 1 IDENTIFIER
30 29 28 27
REFB REFT AVSS CCDIN AVDD CLI TCVDD TCVSS RGVDD RG
1F 1F 0.1 F CCD SIGNAL 0.1 F + 4.7 F MASTER CLOCK INPUT 3V ANALOG SUPPLY RG OUTPUT RG DRIVER SUPPLY
AD9948
TOP VIEW
26 25 24 23 22 21
0.1 F
D6 10
(MSB) D9 13 H1 14 H2 15
HVSS 16
D7 11 D8 12
HVDD 17
H3 18
H4 19
RGVSS 20
DATA OUTPUTS
10
0.1 F
+ 4.7 F
H DRIVER SUPPLY 0.1 F + 4.7 F
4
H1-H4
Figure 21. Recommended Circuit Configuration
-24-
REV. 0
AD9948
Driving the CLI Input
The AD9948's master clock input (CLI) may be used in two different configurations, depending on the application. Figure 23a shows a typical dc-coupled input from the master clock source. When the dc-coupled technique is used, the master clock signal should be at standard 3 V CMOS logic levels. As shown in
Figure 23b, a 1000 pF ac coupling capacitor may be used between the clock source and the CLI input. In this configuration, the CLI input will self-bias to the proper dc voltage level of approximately 1.4 V. When the ac-coupled technique is used, the master clock signal can be as low as 500 mV in amplitude.
CCDIN
AD9948
27
AD9948
18 H3
19 H4
14 H1
15 H2 RG
21
CLI
25
ASIC
SIGNAL OUT
MASTER CLOCK
Figure 23a. CLI Connection, DC-Coupled
H1 H2 RG CCD IMAGER
Figure 22a. CCD Connections (2 H-Clock)
AD9948
CCDIN
25
AD9948
27
CLI LPF 1nF
ASIC
14 H1
15 H2
18 H3
19 H4 RG
21
MASTER CLOCK
Figure 23b. CLI Connection, AC-Coupled
SIGNAL OUT
H1
H2
RG H2 H1
CCD IMAGER
Figure 22b. CCD Connections (4 H-Clock)
REV. 0
-25-
AD9948
HORIZONTAL TIMING SEQUENCE EXAMPLE
Figure 24 shows an example CCD layout. The horizontal register contains 28 dummy pixels, which will occur on each line clocked from the CCD. In the vertical direction, there are 10 optical black (OB) lines at the front of the readout and two at the back of the readout. The horizontal direction has four OB pixels in the front and 48 in the back. To configure the AD9948 horizontal signals for this CCD, three sequences can be used. Figure 25 shows the first sequence, to be used during vertical blanking. During this time, there are no
valid OB pixels from the sensor, so the CLPOB signal is not used. PBLK may be enabled during this time, because no valid data is available. Figure 26 shows the recommended sequence for the vertical OB interval. The clamp signals are used across the whole lines in order to stabilize the clamp loop of the AD9948. Figure 27 shows the recommended sequence for the effective pixel readout. The 48 OB pixels at the end of each line are used for the CLPOB signal.
SEQUENCE 2 (OPTIONAL)
2 VERTICAL OB LINES
V
EFFECTIVE IMAGE AREA
USE SEQUENCE 3
10 VERTICAL OB LINES
USE SEQUENCE 2 H 4 OB PIXELS HORIZONTAL CCD REGISTER 48 OB PIXELS
28 DUMMY PIXELS
Figure 24. Example CCD Configuration
SEQUENCE 1: VERTICAL BLANKING
CCDIN
INVALID PIX
VERTICAL SHIFT
DUMMY
INVALID PIXELS
VERT SHIFT
SHP
SHD
H1/H3 H2/H4
HBLK
PBLK
CLPOB
Figure 25. Horizontal Sequence during Vertical Blanking
-26-
REV. 0
AD9948
SEQUENCE 2: VERTICAL OPTICAL BLACK LINES CCDIN OPTICAL BLACK VERTICAL SHIFT DUMMY OPTICAL BLACK VERT SHIFT
SHP
SHD
H1/H3 H2/H4
HBLK
PBLK
CLPOB
Figure 26. Horizontal Sequences during Vertical Optical Black Pixels
SEQUENCE 3: EFFECTIVE PIXEL LINES OB CCDIN OPTICAL BLACK VERTICAL SHIFT DUMMY EFFECTIVE PIXELS OPTICAL BLACK VERT SHIFT
SHP
SHD
H1/H3 H2/H4
HBLK
PBLK
CLPOB
Figure 27. Horizontal Sequences during Effective Pixels
REV. 0
-27-
AD9948
OUTLINE DIMENSIONS 40-Lead Lead Frame Chip Scale Package [LFCSP] 6 mm 6 mm Body (CP-40)
Dimensions shown in millimeters
6.00 BSC SQ 0.60 MAX PIN 1 INDICATOR
TOP VIEW
31 30 40 1
0.60 MAX PIN 1 INDICATOR
5.75 BSC SQ
0.50 BSC 0.50 0.40 0.30
BOTTOM VIEW
21 20 10 11
4.25 3.70 SQ 1.75
12 MAX
0.80 MAX 0.65 NOM 0.05 MAX 0.02 NOM
4.50 REF
1.00 0.90 0.80
SEATING PLANE
0.30 0.23 0.18
0.20 REF
COPLANARITY 0.08
COMPLIANT TO JEDEC STANDARDS MO-220-VJJD-2
-28-
REV. 0
C03752-0-5/03(0)


▲Up To Search▲   

 
Price & Availability of AD9948

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X